Part Number Hot Search : 
SA100 Z25A2 3843A RT8239A 01B32AM CY3670 IT130 FCH47N6
Product Description
Full Text Search
 

To Download KBP101G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP1005G ~ KBP110G
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
0.600 (15.24) 0.118 x 45 (3.0)
o
0.560 (14.22)
FEATURES
0.460 (11.68) 0.420 (10.67)
0.500 (12.70) 0.460 (11.68)
. Surge overload rating - 40 amperes peak . Ideal for printed circuit board . Plastic material has underwrites laboratory . Mounting position: Any
Flammability classification 94V-0
0.034 (0.86) 0.028 (0.76)
0. 6 0 (15.24) MIN. 0.060 (1.52) MAX.
0.50 (12.7) Min.
0.160 (4.1) 0.140 (3.6) 0.053 (1.35) 0.045 (1.14)
0.200 (5.08) 0.180 (4.57)
Dimensions in inches and ( millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, For capacitive load, derate current by 20%. Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward o Rectified Output Current @ TA=50 C Peak Forward Surge Current, 8.3 ms single half Sine-wave superimposed on rated load Maximum Forward Voltage Drop Per Bridge Element at 1.0A Peak Maximum Reverse Current at Rated DC Blocking Voltage per Element Maximum Reverse Current at Rated o DC Blocking Voltage per Element @ TC=100 C Operating and Storage Temperature Range
TYPE NUMBER SYMBOL
o
VRRM VRMS VDC I(AV) IFSM VF IR
KBP1005G KBP101G KBP102G
50 35 50
100 70 100
200 140 200
KBP104G
400 280 400 1.5 40 1.1 10 1.0
KBP106G
600 420 600
KBP108G
800 560 800
KBP110G
1000 700 1000
Unit
V V V
A A V uA mA
o
TJ, TSTG
- 55 ~ + 150
C
http://www.SeCoSGmbH.com/
01-Jun-2006 Rev. B
Any changing of specification will not be informed individual
Page 1 of 2
KBP1005G ~ KBP110G
Elektronische Bauelemente VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
RATING AND CHARACTERISTIC CURVES
FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD CURRENT AMPERES 1.50 10.0 1.00 INSTANTANEOUS FORWARD CURRENT AMPERES FIG.2-TYPICAL FORWARD CHARACTERISTICS 20.0
0.50
SINGLE PHASE HALF WAVE 60Hz
1.0
0.00
50
100
150
AMBIENT TEMPERATURE,
RESISTIVE OR INDUCTIVE LOAD
0.1
TJ=25 C
o
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
FIG.3-TYPICAL REVERSE CHARACTERISTICS 10 INSTANTANEOUS REVERSE CURRENT, MICROAMPERES 60
FIG.4-MAXIMUM FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERES
1.0
30 50 20 40 10 0
0.1
TJ=25 C
o
TJ=25 C
o
1
2
5
10
20
50
100
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE
NUMBER OF CYCLES AT 60Hz
http://www.SeCoSGmbH.com/
01-Jun-2006 Rev. B
Any changing of specification will not be informed individual
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of KBP101G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X